Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4534 Datasheet (PDF) - Sanyo Semicon Device

LA4534 Datasheet PDF - Sanyo Semicon Device
Part # LA4534
Download  LA4534 Download
File Size   193.39 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3V CD Headphone-stereo Power Amp

LA4534 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4534 Datasheet PDF - Sanyo Semicon Device

Part # LA4534
Download  LA4534 Click to download

File Size   193.39 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3V CD Headphone-stereo Power Amp

LA4534 Datasheet (HTML) - Sanyo Semicon Device


LA4534 Product details

The LA4534M is a low noise, low distortion headphone stereo power IC designed for use in a portable CD.

Features
• Less current drain.
• Accept 16Ω load drive.
• Excellent voltage reduction characteristic.
• Excellent ripple rejection.
• Power switch function and built-in muting circuit.
• Low noise (7µV), low gain (11dB).




Similar Part No. - LA4534

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
logo
ON Semiconductor
LA4535MC ONSEMI-LA4535MC Datasheet
154Kb / 7P
Power Amplifier
May, 2013
More results


Similar Description - LA4534

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4536M SANYO-LA4536M Datasheet
110Kb / 9P
5V CD Headphone-stereo Power Amplifier
LA4575 SANYO-LA4575 Datasheet
126Kb / 3P
2-Channel Pre Power 3V Headphone Amp
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com