Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4536M Datasheet (PDF) - Sanyo Semicon Device

LA4536M Datasheet PDF - Sanyo Semicon Device
Part # LA4536M
Download  LA4536M Download
File Size   110.73 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5V CD Headphone-stereo Power Amplifier

LA4536M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4536M Datasheet PDF - Sanyo Semicon Device

Part # LA4536M
Download  LA4536M Click to download

File Size   110.73 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5V CD Headphone-stereo Power Amplifier

LA4536M Datasheet (HTML) - Sanyo Semicon Device


LA4536M Product details

The LA4536M is a low noise, low distortion headphone stereo power IC designed for use on a portable CD.
   
Features
• Less current drain.
• Accept 16Ω load drive.
• Excellent voltage reduction characteristic.
• Excellent ripple rejection.
• Power switch function and built-in muting circuit.
• Low noise (7µV), low gain (11dB).
   




Similar Part No. - LA4536M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results


Similar Description - LA4536M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com