Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5410 Datasheet (PDF) - Rohm

BA5410 Datasheet PDF - Rohm
Part # BA5410
Download  BA5410 Download
File Size   284.51 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 12 V-5.2 W dual channel power amplifier

BA5410 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA5410 Datasheet PDF - Rohm

Part # BA5410
Download  BA5410 Click to download

File Size   284.51 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 12 V-5.2 W dual channel power amplifier

BA5410 Datasheet (HTML) - Rohm


BA5410 Product details

12 V-5.2 W dual channel power amplifier

The BA5410 is a dual channel, power amplifier designed for stereo radio cassette players.




Similar Part No. - BA5410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA5412 ETC2-BA5412 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA5412 ROHM-BA5412 Datasheet
497Kb / 9P
Silicon Monolithic Integrated Circuit
logo
List of Unclassifed Man...
BA5413 ETC1-BA5413 Datasheet
29Kb / 1P
5.4w low frequency wave field amplifier
logo
Rohm
BA5415 ROHM-BA5415 Datasheet
257Kb / 10P
High-output dual power amplifier
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
High-output dual power amplifier
More results


Similar Description - BA5410

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7124 PANASONIC-AN7124 Datasheet
53Kb / 5P
Dual 3.1 W Audio Power Amplifier
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
Dual 20 W BTL power amplifier
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
12 W car radio power amplifier
November 1982
logo
Hitachi Semiconductor
HA13119 HITACHI-HA13119 Datasheet
54Kb / 9P
Dual 5.5 W Audio Power Amplifier
HA13122 HITACHI-HA13122 Datasheet
192Kb / 7P
DUAL 4 W AIUDIO POWER AMPLIFIER
logo
PEAK electronics GmbH
P10SG-0505ZH52 PEAK-P10SG-0505ZH52 Datasheet
194Kb / 2P
5.2 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P14SG-0505ZH52 PEAK-P14SG-0505ZH52 Datasheet
199Kb / 2P
5.2 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH52 PEAK-P8SG-053R6ZH52 Datasheet
199Kb / 2P
5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com