Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6266 Datasheet (PDF) - Rohm

BA6266 Datasheet PDF - Rohm
Part # BA6266
Download  BA6266 Download
File Size   37.54 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6-channel inverter

BA6266 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA6266 Datasheet PDF - Rohm

Part # BA6266
Download  BA6266 Click to download

File Size   37.54 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6-channel inverter

BA6266 Datasheet (HTML) - Rohm


BA6266 Product details

The BA6266 and BA6266F are driver ICs featuring high output voltage capability and high-current open collector output, and having six built-in inverter buffer circuits.
The open collector output enables “AND” ties. In addition, clamp diodes are connected to all inputs, minimizing error caused by ringing and other factors. These inverters feature a high output pressure withstand resistance of 30V, as well as a large output power supply (sink current) of 40mA, making them suitable for use in LED drivers and interfaces with other elements.

Features
1) High output current. (IOL = 40mA)
2) High output voltage. (VO = 30V)
3) “AND” ties enabled.
4) Wide range of operating temperatures.

Applications
    General-purpose digital equipment




Similar Part No. - BA6266

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6267 ROHM-BA6267 Datasheet
36Kb / 3P
Hex buffer / driver
BA6267F ROHM-BA6267F Datasheet
36Kb / 3P
Hex buffer / driver
More results


Similar Description - BA6266

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0 Datasheet
171Kb / 4P
Silicon N Channel IGBT cation: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
Silicon N Channel IGBT Application: Inverter
logo
Power Systems GmbH+Co.K...
PS-DA0207-01 POWER-SYSTEMS-PS-DA0207-01 Datasheet
159Kb / 4P
DC-AC INVERTER UNIT 6 W DUAL OUTPUTS
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D3DPE RENESAS-RJH60D3DPE_10 Datasheet
87Kb / 8P
Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
Silicon N Channel IGBT Application: Inverter
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com