Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2531J Datasheet (PDF) - Sames

SA2531J Datasheet PDF - Sames
Part # SA2531J
Download  SA2531J Download
File Size   392.11 Kbytes
Page   24 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER

SA2531J Datasheet (PDF)

Go To PDF Page Download Datasheet
SA2531J Datasheet PDF - Sames

Part # SA2531J
Download  SA2531J Click to download

File Size   392.11 Kbytes
Page   24 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER

SA2531J Datasheet (HTML) - Sames


SA2531J Product details

GENERAL DESCRIPTION

The SA2531 is a CMOS integrated circuit that contains all the functions needed to form a high performance electronic telephone.

The device incorporates LD/MF repertory dialling, melody generation, ring frequency discrimination and a high quality speech circuit.

A RAM is on chip for a 31 digit last number redial and 14 memories each containing up to 21 digits. The sliding cursor procedure makes Last Number Redial easy behind a PABX.

The SA2531 (exept the SA2531D) incorporates a volume control for the earpiece. The receive volume can be controlled by the VOL key (+4dB) or by the +/- keys (+6dB/-4dB in 5 steps).

The versatility of the circuit is provided by on chip programmability and a few external components. This allows easy adaption to different PTT requirements without changing the PCB of the telephone.



■ Speech circuit, LD/MF Repertory Dialler

and Tone Ringer on one 28 pin CMOS

chip

■ Net 4 compatible

■ Soft clip to avoid harsh distortion

■ Line Loss Compensation selectable by

pin option

■ Power down mode

■ Versatile applications for different PTT

demands

■ 31 digit last number redial

■ Sliding Cursor protocol with comparison

■ 2 Flash keys, 100 ms and 280 ms (option

600 ms)

■ Ring frequency discrimination

FEATURES

■ Operating range from 13 to 100 mA

   (down to 5 mA with reduced performance)

■ Volume control of receive signalExcept "D")

■ Low noise (max. -72dBmp)

■ Real or Complex impedance on chip programmable

■ LD/MF switchable dialling

■ 14 memories, 4 direct/10 indirect or 10 direct

■ Pause key for 2, 3 or 6 sec Auto Pause or Wait function

■ On chip MF filter (CEPT CS 203 compatible)

■ 3-tone melody generator



 




Similar Part No. - SA2531J

ManufacturerPart #DatasheetDescription
logo
Sames
SA2531 SAMES-SA2531 Datasheet
71Kb / 13P
SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
SA2531 SAMES-SA2531 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
More results


Similar Description - SA2531J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Sames
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
VERSATILE SINGLE CHIP TELEPHONE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com