Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B1570-R960 Datasheet (PDF) - Molex Electronics Ltd.

MM-B1570-R960 Datasheet PDF - Molex Electronics Ltd.
Part # MM-B1570-R960
Download  MM-B1570-R960 Download
File Size   208.69 Kbytes
Page   4 Pages
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.
Description 2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 6.00mm (.236") PC Tail Length, 96 Circuits

MM-B1570-R960 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM-B1570-R960 Datasheet PDF - Molex Electronics Ltd.

Part # MM-B1570-R960
Download  MM-B1570-R960 Click to download

File Size   208.69 Kbytes
Page   4 Pages
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.
Description 2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 6.00mm (.236") PC Tail Length, 96 Circuits

MM-B1570-R960 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - MM-B1570-R960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B1500-C963-263 MOLEX5-MM-B1500-C963-263 Datasheet
176Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Male, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits
MM-B1501-R963 MOLEX5-MM-B1501-R963 Datasheet
208Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
MM-B1502-R960 MOLEX5-MM-B1502-R960 Datasheet
213Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circuits
MM-B1502-R963 MOLEX5-MM-B1502-R963 Datasheet
216Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
MM-B1502-R963-263 MOLEX5-MM-B1502-R963-263 Datasheet
174Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 64 Circuits
More results


Similar Description - MM-B1570-R960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365150098 MOLEX5-0365150098 Datasheet
215Kb / 4P
2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 13.25mm (.522") PC Tail Length, 96 Circuits
0850520036 MOLEX9-0850520036 Datasheet
138Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520311 MOLEX9-0850520311 Datasheet
138Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520050 MOLEX9-0850520050 Datasheet
138Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850139023 MOLEX9-0850139023 Datasheet
82Kb / 3P
2.54mm (.100) Pitch DIN 41612 Header, Style R/2, Press-fit, Vertical, 48 Circuits
0850520074 MOLEX9-0850520074 Datasheet
138Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850159005 MOLEX9-0850159005 Datasheet
195Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, 4-Row Through Hole, Press-fit, Vertical, Style R
0850520282 MOLEX9-0850520282 Datasheet
146Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850132464 MOLEX9-0850132464 Datasheet
81Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, C-Pin Press-Fit Style R Reverse, 96 Circuits
0850130385 MOLEX9-0850130385 Datasheet
322Kb / 6P
2.54mm (.100") Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R/2 Reverse
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com