Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM-B1570-R960 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # MM-B1570-R960
Description  2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 6.00mm (.236") PC Tail Length, 96 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

MM-B1570-R960 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  MM-B1570-R960 Datasheet HTML 1Page - Molex Electronics Ltd. MM-B1570-R960 Datasheet HTML 2Page - Molex Electronics Ltd. MM-B1570-R960 Datasheet HTML 3Page - Molex Electronics Ltd. MM-B1570-R960 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365150074
Status:
Active
Overview:
din_41612
Description:
2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 6.00mm (.236")
PC Tail Length, 96 Circuits, 0.76µm (30µ") Gold (Au) Selective, Lead-Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36515-001 (PDF)
General
Product Family
Backplane Connectors
Series
36515
Application
Backplane
Comments
"R" at Style Represents Vertical Male DIN Connectors
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
Rows A, B, & C
Durability (mating cycles max)
400
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.236 In
PC Tail Length (mm)
6.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.045 In, 0.157 In
PCB Thickness Recommended (mm)
1.20 mm, 4.00 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-36515-001
Sales Drawing
SD-36515-004
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36515Series


Similar Part No. - MM-B1570-R960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MM-B1500-C963-263 MOLEX5-MM-B1500-C963-263 Datasheet
176Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style C, Male, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 3.00mm (.118"), 64 Circuits
MM-B1501-R963 MOLEX5-MM-B1501-R963 Datasheet
208Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
MM-B1502-R960 MOLEX5-MM-B1502-R960 Datasheet
213Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circuits
MM-B1502-R963 MOLEX5-MM-B1502-R963 Datasheet
216Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
MM-B1502-R963-263 MOLEX5-MM-B1502-R963-263 Datasheet
174Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6關m (24關") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 64 Circuits
More results

Similar Description - MM-B1570-R960

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0365150098 MOLEX5-0365150098 Datasheet
215Kb / 4P
2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 13.25mm (.522") PC Tail Length, 96 Circuits
0850520036 MOLEX9-0850520036 Datasheet
138Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520311 MOLEX9-0850520311 Datasheet
138Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850520050 MOLEX9-0850520050 Datasheet
138Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850139023 MOLEX9-0850139023 Datasheet
82Kb / 3P
2.54mm (.100) Pitch DIN 41612 Header, Style R/2, Press-fit, Vertical, 48 Circuits
0850520074 MOLEX9-0850520074 Datasheet
138Kb / 4P
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850159005 MOLEX9-0850159005 Datasheet
195Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, 4-Row Through Hole, Press-fit, Vertical, Style R
0850520282 MOLEX9-0850520282 Datasheet
146Kb / 4P
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R Reverse, 96 Circuits
0850132464 MOLEX9-0850132464 Datasheet
81Kb / 3P
2.54mm (.100") Pitch DIN 41612 Header, C-Pin Press-Fit Style R Reverse, 96 Circuits
0850130385 MOLEX9-0850130385 Datasheet
322Kb / 6P
2.54mm (.100") Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R/2 Reverse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com