Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA8601C Datasheet (PDF) - Samsung semiconductor

KA8601C Datasheet PDF - Samsung semiconductor
Part # KA8601C
Download  KA8601C Download
File Size   280.32 Kbytes
Page   10 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description SPEAKER PHONE WITH SPEECH NETWORK

KA8601C Datasheet (PDF)

Go To PDF Page Download Datasheet
KA8601C Datasheet PDF - Samsung semiconductor

Part # KA8601C
Download  KA8601C Click to download

File Size   280.32 Kbytes
Page   10 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description SPEAKER PHONE WITH SPEECH NETWORK

KA8601C Datasheet (HTML) - Samsung semiconductor


KA8601C Product details

INTRODUCTION
The KA8601C is a monolithic integrated circuit for use in high performance speaker phone system.
The KA860lC consists of speaker phone and speech network. Speaker phone includes attenuators, amplifiers, level detectors, attenuator control, hybrid amplifiers, regulator and AGC circuit. Speech network includes transmit amp, receive amp, voltage regulator for dialer, side tone control, and line equalizer.

FEATURES
• Speaker Phone
    - Low Operating Voltage (3.0 ~ 6.5V)
    - High Attenuator Gain Range (52dB)
    - Improved Sensitivity (Four-point Signal Sensing)
    - Chip Disable for Active or Standby Operation
    - Microphone Amp Gain set by External Components
• Speech Network
    - Low Operating Voltage (1.5V : speech)
    - Regulated Voltage for Dialer (Typically 3.3V)
    - Transmit, Receive, Side Tone Gains set by External Components
    - Mute Input for DTMF Dialing




Similar Part No. - KA8601C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8602 SAMSUNG-KA8602 Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
KA8602 UTC-KA8602 Datasheet
139Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
KA8602 ETC1-KA8602 Datasheet
172Kb / 4P
Linear Intergrated Circuit
logo
Unisonic Technologies
KA8602-D08-T UTC-KA8602-D08-T Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Similar Description - KA8601C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6123MS PANASONIC-AN6123MS Datasheet
56Kb / 5P
Speech network IC with ALC
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
Speech Network Circuit
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
logo
Samsung semiconductor
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
Speaker Phone IC
logo
Samsung semiconductor
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Panasonic Battery Group
AN6123MS-TXL PANASONICBATTERY-AN6123MS-TXL Datasheet
216Kb / 6P
Speech network IC with ALC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com