Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2516 Datasheet (PDF) - Samsung semiconductor

KB2516 Datasheet PDF - Samsung semiconductor
Part # KB2516
Download  KB2516 Download
File Size   250.87 Kbytes
Page   30 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER

KB2516 Datasheet (PDF)

Go To PDF Page Download Datasheet
KB2516 Datasheet PDF - Samsung semiconductor

Part # KB2516
Download  KB2516 Click to download

File Size   250.87 Kbytes
Page   30 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER

KB2516 Datasheet (HTML) - Samsung semiconductor


KB2516 Product details

SUMMARY
The KB2516 is a triple 8-bit analog-to-digital converter optimized for digitizing R/G/B graphics signal from PC and workstation. Its 140MSPS encode rate capability and analog bandwidth of 500MHz supports support display resolution of up to SXGA (1280 ´ 1024) class. The IC also includes a PLL (Phase Locked Loop) system that can be locked on horizontal line frequency, and generates the ADC clock.

FEATURES
• Analog bandwidth of 500MHz
• 3 clamps for 256 programmable levels
• 3 programmable gain amplifiers
• Analog input range: 0.5Vpp to 1.0Vpp
• Triple 8-bit ADC
• Sampling rate up to 140MHz
• Fully integrated PLL to generate the ADC clock, which can be locked to a HSYNC
• Integrated PLL divider
• Programmable clock phase control (Fstep = 7.5°) Integrated SOG separator and HSYNC input polarity detector
• Single and double pixel width output data bus
• Support I2C and 3-wire serial interface
• Power down mode
• 1.25W power dissipation

APPLICATIONS
• RGB high speed digitizing
• LCD desktop monitor
• Plasma display pannel panel




Similar Part No. - KB2516

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results


Similar Description - KB2516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
Triple High Speed, 8-bit Analog-to-Digital Converter
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
Triple 8-Bit Analog-to-Digital-Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com