Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2512 Datasheet (PDF) - Samsung semiconductor

KB2512 Datasheet PDF - Samsung semiconductor
Part # KB2512
Download  KB2512 Download
File Size   365.29 Kbytes
Page   36 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

KB2512 Datasheet (PDF)

Go To PDF Page Download Datasheet
KB2512 Datasheet PDF - Samsung semiconductor

Part # KB2512
Download  KB2512 Click to download

File Size   365.29 Kbytes
Page   36 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

KB2512 Datasheet (HTML) - Samsung semiconductor


KB2512 Product details

DEFLECTION PROCESSOR
The KB2512 is a monolithic integrated circuit assembled in 32 pins shrunk dual in line plastic package. This IC controls all the functions related to the horizontal and vertical deflection in multi modes or multifrequency computer display monitors.
   
FEATURES
(HORIZONTAL)
• Self-adaptive
• Dual PLL concept
• 150kHz maximum frequency
• X-RAY protection input
• I2C controls: Horizontal duty-cycle, H-position, free
    running frequency, frequency generator for burn-in
    mode.
 
(VERTICAL)
• Vertical ramp generator
• 50 to 185Hz AGC loop
• Geometry tracking with V-POS & V-AMP
• I2C Controls: V-AMP, V-POS, S-CORR, C-CORR
• DC breathing compensation

(I2C GEOMETRY CORRECTIONS)
• Vertical parabola generator
    (pincushion-E/W, keystone, corner)
    32-SDIP-400
• Horizontal dynamic phase (side pin balance &
    parallelogram)
• Vertical dynamic focus (Vertical focus amplitude)

(GENERAL)
• Sync processor
• 12V supply voltage
• Hor. & Vert. lock/unlock outputs
• Read/Write I2C interface
• Horizontal and vertical moire
• B+ Regulator
    - Internal PWM generator for B+ current mode
        step-up converter.
    - I2C adjustable B+ reference voltage
    - Output pulses synchronized on horizontal
        frequency
    - Internal maximum current limitation.
    - Soft start
• Compared with the KB2511B, KB2512 HAS:
    - Corner correction
    - Horizontal moire
    - B+ soft start
    - Increased max. Vertical frequency
    - No horizontal focus
    - No step down option for DC/DC converter.
   
FUNCTIONS
• Deflection processor
• I2C bus control
• B+ regulator
• Vertical parabola generator
• Vertical dynamic focus
   




Similar Part No. - KB2512

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - KB2512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com