Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet (PDF) - STMicroelectronics

TDA9105 Datasheet PDF - STMicroelectronics
Part # TDA9105
Download  TDA9105 Download
File Size   340.22 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9105 Datasheet PDF - STMicroelectronics

Part # TDA9105
Download  TDA9105 Click to download

File Size   340.22 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9105 Datasheet (HTML) - STMicroelectronics


TDA9105 Product details

DESCRIPTION
The TDA9105 is a monolithic integrated circuit assembled in a 42 pins shrink dual in line plastic package.
This IC controls all the functions related to the horizontal and vertical deflection in multimodes or multisync monitors.

HORIZONTAL
■ DUAL PLL CONCEPT
■ 150kHz MAXIMUM FREQUENCY
■ SELF-ADAPTATIVE
■ X-RAY PROTECTION INPUT
■ DC ADJUSTABLE DUTY-CYCLE
■ 1st PLL LOCK /UNLOCK INFORMATION
■ WIDE RANGE DC CONTROLLED H-POSITION
■ ON/OFF SWITCH (FOR PWR MANAGEMENT)
■ TWO H-DRIVE POLARITIES
■ MOIRE OUTPUT

VERTICAL
■ VERTICAL RAMP GENERATOR
■ 50 TO 165Hz AGC LOOP
■ DCCONTROLLEDV-AMP,V-POS,S-AMP&C-COR
■ ON/OFF SWITCH

EWPCC
■ VERTICAL PARABOLA GENERATOR WITH DC CONTROLLED KEYSTONE& AMPLITUDE
■ AUTO TRACKING WITH V-POS & V-AMP

GEOMETRY
■ WAVE FORM GENERATOR FOR PARALELLOGRAM & SIDE PIN BALANCE CONTROL
■ AUTO TRACKING WITH V-POS & V-AMP

DYNAMIC FOCUS
■ VERTICAL PARABOLA OUTPUT FOR VERTICAL DYNAMIC FOCUS
■ AUTO TRACKING WITH V-POS & V-AMP

GENERAL
■ ACCEPT POSITIVE OR NEGATIVE HORIZONTAL & VERTICAL SYNC POLARITIES
■ SEPARATE H & V TTL INPUT
■ COMPOSITE BLANKING OUTPUT




Similar Part No. - TDA9105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
More results


Similar Description - TDA9105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com