Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA9105 Datasheet HTML 1Page - STMicroelectronics TDA9105 Datasheet HTML 2Page - STMicroelectronics TDA9105 Datasheet HTML 3Page - STMicroelectronics TDA9105 Datasheet HTML 4Page - STMicroelectronics TDA9105 Datasheet HTML 5Page - STMicroelectronics TDA9105 Datasheet HTML 6Page - STMicroelectronics TDA9105 Datasheet HTML 7Page - STMicroelectronics TDA9105 Datasheet HTML 8Page - STMicroelectronics TDA9105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
HORIZONTAL SECTION
Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCO
R0min
Oscillator Resistor Min Value (Pin 11)
6
k
Ω
C0min
Oscillator Capacitor Min Value (Pin 10)
390
pF
Fmax
Maximum Oscillator Frequency
150
kHz
HsVR
Horizontal Sync Input Voltage (Pin 17)
0
5.5
V
INPUT SECTION
MinD
Minimum Input Pulses Duration (Pin 17)
0.7
µS
Mduty
Maximum Input Signal Duty Cycle (Pin 17)
25
%
OUTPUT SECTION
I5m
Maximum Input Peak Current (Pin 5)
5
mA
HOI1
HOI2
Horizontal Drive Output Max Current
Pin 20
Pin 21
Sourced current
Sink current
20
20
mA
mA
DC CONTROL VOLTAGES
DCadj
DC Voltage on DC Controls (Pins 4-15)
VREF-H =8V
2
6
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pin 18)
13.5
V
VIN
Max Voltage on Pins 4, 15, 28, 29, 31, 33, 38, 39, 41, 42
Pin 5
Pins 17, 34
Pin 16
8
1.8
6
12
V
VESD
ESD Succeptibility
Human Body Model, 100pF Discharge through 1.5k
Ω
EIAJ Norm, 200pF Discharge through 0
Ω
2
300
kV
V
Tstg
Storage Temperature
-40, +150
°C
Tj
Max Operating Junction Temperature
150
°C
Toper
Operating Temperature
0, +70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-Ambient Thermal Resistance
Max.
65
°C/W
TDA9105
5/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com