Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9105 Datasheet HTML 1Page - STMicroelectronics TDA9105 Datasheet HTML 2Page - STMicroelectronics TDA9105 Datasheet HTML 3Page - STMicroelectronics TDA9105 Datasheet HTML 4Page - STMicroelectronics TDA9105 Datasheet HTML 5Page - STMicroelectronics TDA9105 Datasheet HTML 6Page - STMicroelectronics TDA9105 Datasheet HTML 7Page - STMicroelectronics TDA9105 Datasheet HTML 8Page - STMicroelectronics TDA9105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TDA9105
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
June 1996
PRELIMINARY DATA
SHRINK42
(Plastic Package)
ORDER CODE : TDA9105
HORIZONTAL
.
DUAL PLL CONCEPT
.
150kHz MAXIMUM FREQUENCY
.
SELF-ADAPTATIVE
.
X-RAY PROTECTION INPUT
.
DC ADJUSTABLE DUTY-CYCLE
.
1
st PLL LOCK /UNLOCK INFORMATION
.
WIDE RANGE DC CONTROLLED H-POSI-
TION
.
ON/OFF SWITCH (FOR PWR MANAGE-
MENT)
.
TWO H-DRIVE POLARITIES
.
MOIRE OUTPUT
VERTICAL
.
VERTICAL RAMP GENERATOR
.
50 TO 165Hz AGC LOOP
.
DCCONTROLLED V-AMP, V-POS,S-AMP &C-COR
.
ON/OFF SWITCH
EWPCC
.
VERTICAL PARABOLA GENERATOR WITH
DC CONTROLLED KEYSTONE & AMPLITUDE
.
AUTO TRACKING WITH V-POS & V-AMP
GEOMETRY
.
WAVE FORM GENERATOR FOR PARALEL-
LOGRAM & SIDE PIN BALANCE CONTROL
.
AUTO TRACKING WITH V-POS & V-AMP
DYNAMIC FOCUS
.
VERTICAL PARABOLA OUTPUT FOR VERTI-
CAL DYNAMIC FOCUS
.
AUTO TRACKING WITH V-POS & V-AMP
GENERAL
.
ACCEPT POSITIVE OR NEGATIVE HORI-
ZONTAL & VERTICAL SYNC POLARITIES
.
SEPARATE H & V TTL INPUT
.
COMPOSITE BLANKING OUTPUT
1
2
3
4
5
6
7
8
9
10
11
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
24
23
22
V-F OCUS
H-LOC KOUT
PLL2C
H-DUTY
H-F LY
H-G ND
H-R EF
FC2
FC1
C0
R0
PLL1F
H-LOC KCAP
P LL1INHIB
H-P OS
XRAY-IN
H-S YNC
V
CC
GND
H-O UTE M
H-O UTC OL
S P INBAL
KEYBAL
GEOMOUT
EWAMP
KEYS T
EWO UT
V-FLY
VDCIN
V-S YNC
V-P OS
V-AMP
V-OUT
C-CORR
VS -AMP
V-CAP
V-RE F
V-AGC CAP
V-GND
MOIRE
BLK-OUT
VDCO UT
PIN CONNECTIONS
DESCRIPTION
The TDA9105 is a monolithic integrated circuit
assembled in a 42 pins shrink dual in line plastic
package.
This IC controls all the functions related to the
horizontal and vertical deflection in multimodes or
multisync monitors.
This IC, combined with TDA9205 (RGB preamp),
STV942x (OSD processor), ST727x (micro control-
ler) and TDA817x (vertical booster), allows to real-
ize very simple and high quality multimodes or
multisync monitors.
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
1/32


Similar Part No. - TDA9105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
More results

Similar Description - TDA9105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com