Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 17Page - STMicroelectronics TDA9105 Datasheet HTML 18Page - STMicroelectronics TDA9105 Datasheet HTML 19Page - STMicroelectronics TDA9105 Datasheet HTML 20Page - STMicroelectronics TDA9105 Datasheet HTML 21Page - STMicroelectronics TDA9105 Datasheet HTML 22Page - STMicroelectronics TDA9105 Datasheet HTML 23Page - STMicroelectronics TDA9105 Datasheet HTML 24Page - STMicroelectronics TDA9105 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
OPERATING DESCRIPTION (continued)
VERTICAL PART
27
28
29
37
38
31
25
39
PARABOLA
GENERATOR
SYNCHRO
OSCILLATOR
34
OSC
CAP
DISCH.
V_SYNC
POLARITY
SAMPLING
SAMP.
CAP
Vlow
Sawth.
Disch.
REF
TRANSCONDUCTANCE
AMPLIFIER
CHARGE CURRENT
30 VERT_OUT
VERT_AMP
VS_AMP
COR_C
S CORRECTION
C CORRECTION
EW_AMP
EW_OUT
EW_CENT
SPB_AMP
SPB_OUT
SPB_CENT
V_FOCUS
1
41
42
40
Figure 21 : Vertical Part Block Diagram
The vertical part generates a fixed amplitude ramp
which can be affected by a S and C correction
shape. Then, the amplitude of this ramp is adjusted
to drive an external power stage.
The internal reference voltage used for the vertical
part is available between Pin 26 and Pin 24. It can
be used as voltage reference for any DC adjusment
to keep a high accuracy to each adjustment. Its
typical value is :
V26 =VREF = 8V.
The charge of the external capacitor on Pin 27
(VCAP) generates a fixed amplitude ramp between
the internal voltages, VL (VL =VREF/4) and VH
(VH = 5/8
⋅ VREF).
TDA9105
21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com