Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 15Page - STMicroelectronics TDA9105 Datasheet HTML 16Page - STMicroelectronics TDA9105 Datasheet HTML 17Page - STMicroelectronics TDA9105 Datasheet HTML 18Page - STMicroelectronics TDA9105 Datasheet HTML 19Page - STMicroelectronics TDA9105 Datasheet HTML 20Page - STMicroelectronics TDA9105 Datasheet HTML 21Page - STMicroelectronics TDA9105 Datasheet HTML 22Page - STMicroelectronics TDA9105 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
OPERATING DESCRIPTION (continued)
Moire Function
23
Ck
D
Q
Q
Rs t
H-S YNC
Ck
D
Q
Q
Mono sta ble
V-SYNC
Figure 18 : Moire Function Block Diagram
H
V
MOIRE
H
V
MOIRE
ODD FRAME
EVEN FRAME
Figure 19 : Moire Output Waveform
Geometric Corrections
The principle is represented in Figure 20.
Starting from the vertical ramp, a parabola shaped
is generatedfor E/W correction, dynamic horizontal
phase control correction, and vertical dynamic Fo-
cus correction.
The core of the parabola generator is an analog
multiplier. The output current of which is equal to :
∆I= k (VRAMP -VDCIN)2.
Where VRAMP is the vertical ramp, typically com-
prised between 2 and 5V, VDCIN is a vertical DC
input adjustable in the range 3.2V
→ 3.8V in order
to generate a dissymmetric parabola if required
(keystone adjustment).
In order to keep good screen geometry for any end
user preferences adjustment we implemented the
possibility to have ”geometry tracking”. To enable
the ”tracking” function, the VDCOUT must be con-
nected to VDCIN.
It is possible to inhibit VPOS tracking by applying a
fixed DC voltage on the VDCIN Pin.
This DC voltage in that case must be taken from
the vertical reference and adjusted to 3.5V with an
external bridge resistor.
Due to large output stages voltage range (E/W,
BALANCE, FOCUS), the combination of tracking
function with maximum vertical amplitude max. or
min. vertical position and maximum gain on the DC
control inputs may leads to the output stages satu-
ration. This must be avoided by limiting the output
voltage by apropriate DC control voltages.
TDA9105
19/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com