Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 5Page - STMicroelectronics TDA9105 Datasheet HTML 6Page - STMicroelectronics TDA9105 Datasheet HTML 7Page - STMicroelectronics TDA9105 Datasheet HTML 8Page - STMicroelectronics TDA9105 Datasheet HTML 9Page - STMicroelectronics TDA9105 Datasheet HTML 10Page - STMicroelectronics TDA9105 Datasheet HTML 11Page - STMicroelectronics TDA9105 Datasheet HTML 12Page - STMicroelectronics TDA9105 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
VERTICAL SECTION (continued)
Vertical Dynamic Focus Function
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDFDC
DC Output Voltage (see Figure 4)
V33 = 4V, V35 =V32
6V
TDVDFDC
DC Output Voltage Thermal Drift
See Note
100
ppm/C
VDFAMP
Parabola Amplitude versus V-amp
(tracking between V-amp and VDF)
(see Figure 4)
V28 = 2V, V29 grounded,
V33 = 4V, V35 =V32,
V31 =2V
V31 =4V
V31 =6V
-0.84
-1.78
-3.14
-0.72
-1.57
-2.85
-0.6
-1.36
-2.56
V
V
V
VDFKEY
Parabola Assymetry versus V-pos
Control (tracking between V-pos
and VDF)
A/B ratio
B/A ratio
V28 = 2V, V29 grounded,
V31 = 6V,
V33 = 2V, V35 =V32,
V33 = 6V, V35 =V32
0.42
0.48
0.52
0.58
0.62
0.68
Note :
These parameters are not tested on each unit. They are measured during our internal qualification procedure which includes
characterization on batches comming from corners of our processes and also temperature characterization.
TDA9105
9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com