Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9105 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 3Page - STMicroelectronics TDA9105 Datasheet HTML 4Page - STMicroelectronics TDA9105 Datasheet HTML 5Page - STMicroelectronics TDA9105 Datasheet HTML 6Page - STMicroelectronics TDA9105 Datasheet HTML 7Page - STMicroelectronics TDA9105 Datasheet HTML 8Page - STMicroelectronics TDA9105 Datasheet HTML 9Page - STMicroelectronics TDA9105 Datasheet HTML 10Page - STMicroelectronics TDA9105 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
VERTICAL SECTION
Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VSVR
Vertical Sync Input Voltage (Pin 34)
0
5.5
V
VEWM
Maximum EW Output Voltage (Pin 37)
6.5
V
VDHPCM
Maximum Dynamic Horizontal Phase Control Output Voltage (Pin 40)
6.5
V
VDHPCm
Minimum Dynamic Horizontal Phase Control Output Voltage (Pin 40)
0.9
V
VDFm
Minimum Vertical Dynamic Focus Output Voltage (Pin 1)
0.9
V
Rload
Minimum Load for less than 1% Vertical Amplitude Drift (Pin 25)
65
M
Ω
Electrical Characteristics (VCC = 12V, Tamb =25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IBIASP
Bias Current (current sourced by PNP Base)
(Pins 28-29)
For V28-29 =2V
2
µA
IBIASN
Bias Current (Pin 31) (sinked by NPN base)
For V31 = 6V
0.5
µA
VSth
Vertical Sync Input Threshold Voltage (Pin 34)
High-level
Low-level
2
0.8
V
V
VSBI
Vertical Sync Input Bias Current
(Current Sourced by PNP Base)
V34 = 0.8V
1
µA
VRB
Voltage at Ramp Bottom Point (Pin 27)
2/8
VREF-V
VRT
Voltage at Ramp Top Point (with Sync) (Pin 27)
5/8
VREF-V
VRTF
Voltage at Ramp Top Point (without Sync) (Pin
27)
VRT-0.1
V
VSW
Minimum Vertical Sync Pulse Width (Pin 34)
5
µS
VSmDut
Vertical Sync Input Maximum Duty-cycle
(Pin 34)
15
%
VSTD
Vertical Sawtooth Discharge Time Duration
(Pin 27)
With 150nF cap
70
µS
VFRF
Vertical Free Running Frequency
V28 = 2V, V29 grounded,
Measured on Pin 27
Cosc (Pin27) = 150nF
100
Hz
ASFR
AUTO-SYNC Frequency (see Note 1)
With C27 = 150nF
50
165
Hz
RAFD
Ramp Amplitude Drift Versus Frequency
V31 = 6V, C27 = 150nF
50Hz < f < 165Hz
100
ppm/Hz
Rlin
Ramp Linearity on Pin 30
V28,V29 grounded
0.5
%
Vpos
Vertical Position Adjustment Voltage (Pin 32)
V33 =2V
V33 =4V
V33 = 6V
3.65
3.2
3.5
3.8
3.3
V
V
V
IVPOS
Max Current on Vertical Position Control
Output (Pin 32)
±2mA
VOR
Vertical Output Voltage (Pin 30)
(peak-to-peak voltage on Pin 30)
V31 =2V
V31 =4V
V31 = 6V
3.75
2
3
4
2.2
V
V
V
VOUTDC
DC Voltage on Vertical Output (Pin30)
See Note 2
7/16
VREF-V
V0I
Vertical Output Maximum Current (Pin 30)
±5mA
dVS
Max Vertical S-Correction Amplitude
V28 = 2V inhibits S-CORR
V28 = 6V gives maximum S-CORR
∆V/V30pp at T/4
∆V/V30pp at 3T/4
TBD
-4
+4
TBD
%
%
Ccorr
Max Vertical C-Correction Amplitude
V29 =2V
V29 =4V
V29 = 6V
TBD
-5
0
+5
TBD
%
%
%
VFly Th
Vertical Flyback Threshold (Pin 36)
1
TBD
V
VFly Inh
Inhibition of Vertical Flyback Input (Pin 36)
See Note 1
VREF- 0.5
V
IBIAS DCIN
Bias Current (Pin 35) (sourced by PNP base)
For V35 =V32
2
µA
Notes : 1. It is the frequency range for which the VERTICAL OSCILLATOR will automatically synchronize, using a single capacitor value on
Pin 27 and with a constant ramp amplitude.
2. Typically 3.5V for Vertical reference voltage typical value (8V).
TDA9105
7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com