Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109S Datasheet (PDF) - STMicroelectronics

TDA9109S Datasheet PDF - STMicroelectronics
Part # TDA9109S
Download  TDA9109S Download
File Size   293.93 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9109S Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9109S Datasheet PDF - STMicroelectronics

Part # TDA9109S
Download  TDA9109S Click to download

File Size   293.93 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9109S Datasheet (HTML) - STMicroelectronics


TDA9109S Product details

DESCRIPTION
The TDA9109/S is a monolithic integrated circuit assembled in 32-pin shrink dual in line plastic package. This IC controls all the functions related to the horizontal and vertical deflection in multimode or multi-frequency computer display monitors.
The internal sync processor, combined with the very powerful geometry correction block make the TDA9109/S suitable for very high performance monitors, using very few external components.
The horizontal jitter level is very low. It is particularly well suited for high-end 15" and 17" monitors.
Combined with the ST7275 Microcontroller family, TDA9206 (Video preamplifier) and STV942x (On-Screen Display controller) the TDA9109/S allows fully I2C bus controlled computer display monitors to be built with a reduced number of external components.

HORIZONTAL
■ SELF-ADAPTATIVE
■ DUAL PLL CONCEPT
■ 150kHz MAXIMUM FREQUENCY
■ X-RAY PROTECTION INPUT
■ I2C CONTROLS :
   HORIZONTAL DUTY-CYCLE, H-POSITION,
   FREE RUNNING FREQUENCY, FREQUENCY
   GENERATOR FOR BURN-IN MODE

VERTICAL
■ VERTICAL RAMP GENERATOR
■ 50 TO 185Hz AGC LOOP
■ GEOMETRY TRACKING WITH VPOS & VAMP
■ I2C CONTROLS : VAMP, VPOS, S-CORR, C-CORR
■ DC BREATHING COMPENSATION

I2C GEOMETRY CORRECTIONS
■ VERTICAL PARABOLA GENERATOR
   (Pin Cushion - E/W, Keystone, Corner)
■ HORIZONTAL DYNAMIC PHASE
   (Side Pin Balance & Parallelogram)
■ VERTICAL DYNAMIC FOCUS
   (Vertical Focus Amplitude)

GENERAL
■ SYNC PROCESSOR
■ 12V SUPPLY VOLTAGE
■ 8V REFERENCE VOLTAGE
■ HOR. & VERT. LOCK/UNLOCK OUTPUTS
■ READ/WRITE I2C INTERFACE
■ HORIZONTAL AND VERTICAL MOIRE
■ B+ REGULATOR
   - INTERNAL PWM GENERATOR FOR B+ CURRENT MODE STEP-UP CONVERTER
   - SOFT START
   - I2C ADJUSTABLE B+ REFERENCE VOLTAGE
   - OUTPUT PULSES SYNCHRONIZED ON HORIZONTAL FREQUENCY
   - INTERNAL MAXIMUM CURRENT LIMITATION

■ COMPARED WITH THE TDA9109,
THE TDA9109/S HAS :
   - CORNER CORRECTION,
   - HORIZONTAL MOIRÉ,
   - B+ SOFT START,
   - INCREASED MAX. VERTICAL FREQUENCY,
   - NO HORIZONTAL FOCUS,
   - NO STEP DOWN OPTION FOR DC/DC CON VERTER.




Similar Part No. - TDA9109S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
More results


Similar Description - TDA9109S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com