Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9106 Datasheet (PDF) - STMicroelectronics

TDA9106 Datasheet PDF - STMicroelectronics
Part # TDA9106
Download  TDA9106 Download
File Size   319.96 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9106 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9106 Datasheet PDF - STMicroelectronics

Part # TDA9106
Download  TDA9106 Click to download

File Size   319.96 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9106 Datasheet (HTML) - STMicroelectronics


TDA9106 Product details

DESCRIPTION
The TDA9106 is a monolithic integrated circuit assembled in 42 pins shrunk dual in line plastic package. This IC controls all the functions related to the horizontal and vertical deflection in multimodes or multi-frequency computer display monitors.

HORIZONTAL
■ SELF-ADAPTATIVE
■ DUAL PLL CONCEPT
■ 150kHz MAXIMUM FREQUENCY
■ X-RAY PROTECTION INPUT
■ I2C CONTROLS : HORIZONTALDUTY-CYCLE, H-POSITION, FREE RUNNING FREQUENCY, FREQUENCY GENERATOR FOR BURN-IN MODE

VERTICAL
■ VERTICAL RAMP GENERATOR
■ 50 TO 165Hz AGC LOOP
■ GEOMETRY TRACKING WITH V-POS & AMP
■ I2C CONTROLS : V-AMP, V-POS, S-CORR, C-CORR

I2C GEOMETRY CORRECTIONS
■ VERTICAL PARABOLA GENERATOR (Pincushion, Keystone, Corner Correction, Top/bottomCorner Correction Balance)
■ HORIZONTAL DYNAMIC PHASE (Side Pin Balance & Parallelogram)
■ HORIZONTAL AND VERTICAL DYNAMIC FOCUS (Horizontal Focus Amplitude, Horizontal Focus Symmetry)

GENERAL
■ SYNC PROCESSOR
■ HOR. & VERT. SYNC OUTPUT FOR MCU
■ HOR. & VERT. BLANKING OUTPUTS
■ 12V SUPPLY VOLTAGE
■ 8V REFERENCE VOLTAGE
■ HOR. & VERT. LOCK UNLOCK OUTPUTS
■ READ/WRITE I2C INTERFACE
■ HORIZONTAL MOIRE OR DAC OUTPUT




Similar Part No. - TDA9106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
More results


Similar Description - TDA9106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com