Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS9287 Datasheet (PDF) - Samsung semiconductor

KS9287 Datasheet PDF - Samsung semiconductor
Part # KS9287
Download  KS9287 Download
File Size   213.38 Kbytes
Page   29 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DIGITAL SIGNAL PROCESSOR

KS9287 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS9287 Datasheet PDF - Samsung semiconductor

Part # KS9287
Download  KS9287 Click to download

File Size   213.38 Kbytes
Page   29 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DIGITAL SIGNAL PROCESSOR

KS9287 Datasheet (HTML) - Samsung semiconductor


KS9287 Product details

INTRODUCTION
The KS9287 is a Digital Signal Processor for VCD and Hi-Fi CD players. It has enhanced the picture quality of VCD. This IC, when compared to the existing product, has vastly improved its performance in the following areas.
— Frame Sync Detect
— Error Correcting Code Ability
— CLV Performance
— DPLL Capture Range
— EFM Signal Compensation

FEATURES
• EFM data demodulation
• Enhanced Frame sync detection/protection/insertion
• Error Correction (C1: double correction, C2: double correction / quadruple correction)
• Interpolation
• Subcode Data serial output
• Enhanced CLV servo controller
• Enhanced DPLL
• MICOM Interface
• Digital Audio Out
• Built-in 16 K SRAM
• 2x Playback Capability
• 5 V +/- 10% Single Power Supply
• CMOS Process




Similar Part No. - KS9287

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
CMOS INTEGRATED CIRCUIT
KS9286 SAMSUNG-KS9286 Datasheet
298Kb / 35P
DIGITAL SIGNAL PROCESSOR for CDP
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
DIGITAL SIGNAL PROCESSOR for CDP
KS9286B-L SAMSUNG-KS9286B-L Datasheet
298Kb / 35P
DIGITAL SIGNAL PROCESSOR for CDP
More results


Similar Description - KS9287

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com