Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS9286 Datasheet (PDF) - Samsung semiconductor

KS9286 Datasheet PDF - Samsung semiconductor
Part # KS9286
Download  KS9286 Download
File Size   298.97 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DIGITAL SIGNAL PROCESSOR for CDP

KS9286 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS9286 Datasheet PDF - Samsung semiconductor

Part # KS9286
Download  KS9286 Click to download

File Size   298.97 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DIGITAL SIGNAL PROCESSOR for CDP

KS9286 Datasheet (HTML) - Samsung semiconductor


KS9286 Product details

DIGITAL SIGNAL PROCESSOR

The KS9286B is a CMOS integrated circuit designed for the Digital Audio Signal Processor for Compact Disc Player. It is a monolithic IC that builts-in 16-bit Digital Analog Convertor, ESP Interface and Digital De-emphasis additional conventional DSP function.



FEATURES

• EFM data demodulation

• Frame sync detection/protection/insertion

• Powerful error correction (C1: 2error, C2: 4erasure)

• Interpolation

• 8fs digital filter (51th+13th+9th)

• Subcode data serial output

• CLV servo controller

• Micom interface

• Digital audio output

• Digital de-emphasis

• ESP interface

• Built-in 16K SRAM

• Built-in Digital PLL

• Double speed play available

• Built-in 16-bit D/A converter

• Operating Voltage range

   KS9286B : 5V

   KS9286B-L : 3.4V



 




Similar Part No. - KS9286

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
CMOS INTEGRATED CIRCUIT
KS9287 SAMSUNG-KS9287 Datasheet
213Kb / 29P
DIGITAL SIGNAL PROCESSOR
More results


Similar Description - KS9286

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
Digital Signal Processor for CD
logo
Samsung semiconductor
S5L986F01 SAMSUNG-S5L986F01 Datasheet
599Kb / 35P
DIGITAL SIGNAL PROCESSOR FOR CDP
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
Digital Signal Processor for TV
logo
Texas Instruments
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
Digital Signal Processor for TV
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com