Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2331Y Datasheet (PDF) - Samsung semiconductor

C2331Y Datasheet PDF - Samsung semiconductor
Part # C2331Y
Download  C2331Y Download
File Size   81.69 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)

C2331Y Datasheet (PDF)

Go To PDF Page Download Datasheet
C2331Y Datasheet PDF - Samsung semiconductor

Part # C2331Y
Download  C2331Y Click to download

File Size   81.69 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)

C2331Y Datasheet (HTML) - Samsung semiconductor


C2331Y Product details

LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING



• Complement to KSA931

• High Collector-Base Voltage Vcso = 80 V

• Collector Current Ic = 700mA

• Collector Disslpation Pc = 1W




Similar Part No. - C2331Y

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
C2331 JMNIC-C2331 Datasheet
51Kb / 3P
Silicon Power Transistors
More results


Similar Description - C2331Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC1008 SAMSUNG-KSC1008 Datasheet
71Kb / 2P
NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
logo
Fairchild Semiconductor
KSA708 FAIRCHILD-KSA708 Datasheet
39Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA931 FAIRCHILD-KSA931 Datasheet
41Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSC1008 FAIRCHILD-KSC1008 Datasheet
39Kb / 4P
Low Frequency Amplifier Medium Speed Switching
KSC2331 FAIRCHILD-KSC2331 Datasheet
40Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
logo
List of Unclassifed Man...
2SA708 ETC-2SA708 Datasheet
86Kb / 2P
LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Hitachi Semiconductor
2SC1707 HITACHI-2SC1707 Datasheet
61Kb / 1P
LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSA708YBU FAIRCHILD-KSA708YBU Datasheet
45Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA708YTA FAIRCHILD-KSA708YTA Datasheet
45Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA931YTA FAIRCHILD-KSA931YTA Datasheet
47Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com