Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC100 Datasheet (PDF) - Samsung semiconductor

PC100 Datasheet PDF - Samsung semiconductor
Part # PC100
Download  PC100 Download
File Size   151.64 Kbytes
Page   10 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PC100 SDRAM MODULE Preliminary

PC100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC100 Datasheet PDF - Samsung semiconductor

Part # PC100
Download  PC100 Click to download

File Size   151.64 Kbytes
Page   10 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PC100 SDRAM MODULE Preliminary

PC100 Datasheet (HTML) - Samsung semiconductor


PC100 Product details

GENERAL DESCRIPTION
The Samsung KMM366S1623CT is a 16M bit x 64 Synchronous Dynamic RAM high density memory module. The Samsung KMM366S1623CT consists of sixteen CMOS 8M x 8 bit with 4banks Synchronous DRAMs in TSOP-II 400mil package and a 2K EEPROM in 8-pin TSSOP package on a 168-pin glass-epoxy substrate. Two 0.1uF decoupling capacitors are mounted on the printed circuit board in parallel for each SDRAM.
The KMM366S1623CT is a Dual In-line Memory Module and is intended for mounting into 168-pin edge connector sockets.
Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURE
• Performance range
• Burst mode operation
• Auto & self refresh capability (4096 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V ± 0.3V power supply
• MRS cycle with address key programs
   Latency (Access from column address)
   Burst length (1, 2, 4, 8 & Full page)
   Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the
   system clock
• Serial presence detect with EEPROM
• PCB : Height (1,375mil), double sided component




Similar Part No. - PC100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC100 VISHAY-PC100 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
logo
PREMO CORPORATION S.L
PC100-20H5 PREMO-PC100-20H5 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
logo
Siemens Semiconductor G...
PC100-222-620 SIEMENS-PC100-222-620 Datasheet
104Kb / 17P
3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
PC100-222-620 SIEMENS-PC100-222-620 Datasheet
84Kb / 17P
3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
PC100-222-620 SIEMENS-PC100-222-620 Datasheet
84Kb / 17P
3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results


Similar Description - PC100

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
logo
Samsung semiconductor
KMM366S1623BT SAMSUNG-KMM366S1623BT Datasheet
527Kb / 11P
PC100 SDRAM MODULE
KMM366S1623CTY SAMSUNG-KMM366S1623CTY Datasheet
565Kb / 11P
PC100 SDRAM MODULE
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
List of Unclassifed Man...
KVR100X64C2256 ETC1-KVR100X64C2256 Datasheet
33Kb / 1P
100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3128 ETC1-KVR100X64C3128 Datasheet
32Kb / 1P
100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C3256 ETC1-KVR100X64C3256 Datasheet
33Kb / 1P
100MHz SDRAM 168-Pin PC100 Memory Module
logo
Samsung semiconductor
KMM374S403CT SAMSUNG-KMM374S403CT Datasheet
152Kb / 11P
PC100 SDRAM MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com