Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC100 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # PC100
Description  PC100 SDRAM MODULE Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC100 Datasheet(HTML) 2 Page - Samsung semiconductor

  PC100 Datasheet HTML 1Page - Samsung semiconductor PC100 Datasheet HTML 2Page - Samsung semiconductor PC100 Datasheet HTML 3Page - Samsung semiconductor PC100 Datasheet HTML 4Page - Samsung semiconductor PC100 Datasheet HTML 5Page - Samsung semiconductor PC100 Datasheet HTML 6Page - Samsung semiconductor PC100 Datasheet HTML 7Page - Samsung semiconductor PC100 Datasheet HTML 8Page - Samsung semiconductor PC100 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PC100 SDRAM MODULE
KMM366S1623CT
REV. 1 June 1998
Preliminary
PIN CONFIGURATION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM.
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
CKE should be enabled 1CLK+tSS prior to valid command.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA8
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM0 ~ 7
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active. (Byte masking)
DQ0 ~ 63
Data input/output
Data inputs/outputs are multiplexed on the same pins.
WP
Write protection
WP pin is connected to VSS through 47K
Ω Resistor.
When WP is "high", EEPROM Programming will be inhibited and the entire memory will
be write-protected.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com