Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8528 Datasheet (PDF) - Samsung semiconductor

S1T8528 Datasheet PDF - Samsung semiconductor
Part # S1T8528
Download  S1T8528 Download
File Size   1905.49 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description ENHANCED-1 CHIP CT0 RF IC

S1T8528 Datasheet (PDF)

Go To PDF Page Download Datasheet
S1T8528 Datasheet PDF - Samsung semiconductor

Part # S1T8528
Download  S1T8528 Click to download

File Size   1905.49 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description ENHANCED-1 CHIP CT0 RF IC

S1T8528 Datasheet (HTML) - Samsung semiconductor


S1T8528 Product details

INTRODUCTION
S1T8528 is a 1 CHIP RF IC which can be used in high performance CTO CLP systems at max. 60MHz. S1T8528 is designed to include a receiver, PLL and COMPANDER to minimize PCB space requirements. Improved RX characteristics such as inter-modulation, spurious response and adjacent channel interface have been included to satisfy the universal standards.
The 1 CHIP RF IC has considerably reduced the cost by including a build-in 1’st mixer, low battery detector, fMCU, RSSI, RF regulator and speaker amp. Also, it fulfills carrier detector threshold control, speaker volume control, operating mode selection and MUTE function using S/W, thus making external application easier.

FEATURES
• Operating voltage range: 2.0V ~ 5.5V
• Typical supply current: 8.9mA at 3.6V
• Built-in low battery detection function ( selectable 3.45V, 3.3V, 3.0V, 2.2V, 2.1V )
• Built-in speaker volume control and speaker amplifier
• Built-in splatter filter
• Support mode selection ( Active, Rx, Standby and Inactive mode )
• FM Receiver
   — Excellent Receiver characteristics
   — RSSI ( Linear ) and Carrier detector output ( Digital ) function
• Compander
   — Easy gain control and application using external component
   — -Included ALC (Automatic Level Control) circuit
• Universal PLL
   — RX (TX) divided counter range : 1/16 ~ 1/16383
   — Reference frequency divided counter range : 1/16 ~ 1/4095
   — Lock detector signal output
   — Serial interface with MICOM for controlling each block
   — Clock Output for MICOM oscillator substitution. ( X-tal divided clock by 2, 3, 4 and 5 )




Similar Part No. - S1T8528

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
1 CHIP CLP SUBSYSTEM IC
S1T8527C01-Q0R0 SAMSUNG-S1T8527C01-Q0R0 Datasheet
185Kb / 20P
1 CHIP CLP SUBSYSTEM IC
More results


Similar Description - S1T8528

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
Enhanced Digital Echo IC
logo
Samsung semiconductor
KB8527B SAMSUNG-KB8527B Datasheet
150Kb / 21P
1 CHIP CLP SUBSYSTEM IC
S1T8527C SAMSUNG-S1T8527C Datasheet
185Kb / 20P
1 CHIP CLP SUBSYSTEM IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
AM/FM 1 CHIP TUNER IC
logo
Sanyo Semicon Device
LV25300M SANYO-LV25300M Datasheet
68Kb / 4P
Bi-CMOS IC 1-chip Tuner IC
LV25300M_0711 SANYO-LV25300M_0711 Datasheet
69Kb / 4P
1-chip Tuner IC
LV25300M SANYO-LV25300M_10 Datasheet
69Kb / 4P
1-chip Tuner IC
logo
California Eastern Labs
UPG2253T6S CEL-UPG2253T6S Datasheet
557Kb / 11P
RF FRONT-END IC FOR BluetoothTM CLASS 1
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
Enhanced Power Supply IC
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
1-chip Tuner IC
May, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com