Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6B0741 Datasheet (PDF) - Samsung semiconductor

S6B0741 Datasheet PDF - Samsung semiconductor
Part # S6B0741
Download  S6B0741 Download
File Size   985.91 Kbytes
Page   74 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD

S6B0741 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0741 Datasheet PDF - Samsung semiconductor

Part # S6B0741
Download  S6B0741 Click to download

File Size   985.91 Kbytes
Page   74 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD

S6B0741 Datasheet (HTML) - Samsung semiconductor


S6B0741 Product details

INTRODUCTION
The S6B0741 is a driver & controller LSI for 4-level gray scale graphic dot-matrix liquid crystal display systems. It contains 128 segment and 129 common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral Interface (SPI) or 8-bit parallel display data and stores in an on-chip display data RAM of 128 x 129 x 2 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
   4-level (White, Light Gray, Dark Gray, Black) Gray Scale Display with PWM and FRC Methods
   Driver Output Circuits
      - 128 segment outputs / 129 common outputs
   Applicable Duty Ratios
      - Various partial display
      - Partial window moving & data scrolling
   On-chip Display Data RAM
      - Capacity: 129 ´ 128 ´ 2 = 33,024bits
   Microprocessor Interface
      - 8-bit parallel bi-directional interface with 6800-series or 8080-series
      - SPI (serial peripheral interface) available (only write operation)
   On-chip Low Power Analog Circuit
      - On-chip oscillator circuit
      - Voltage converter (x3, x4, ´5 or x6)
      - Voltage regulator (temperature coefficient: -0.125%/°C, or external input)
      - On-chip electronic contrast control function (64 steps)
      - Voltage follower (LCD bias : 1/5 to 1/12)
   Operating Voltage Range
      - Supply voltage (VDD): 1.8 to 3.3V
      - LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V
   Low Power Consumption
      - 300 mA Max. (operation)
      - 2 mA Max. (sleep mode)
   Package Type
      - Slim chip for TCP




Similar Part No. - S6B0741

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0708 SAMSUNG-S6B0708 Datasheet
288Kb / 29P
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0741

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
KS0741 SAMSUNG-KS0741 Datasheet
985Kb / 74P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com