Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP105 Datasheet (PDF) - Samsung semiconductor

TIP105 Datasheet PDF - Samsung semiconductor
Part # TIP105
Download  TIP105 Download
File Size   262.0 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PNP (HIGH DC CURRENT GAIN MIN

TIP105 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP105 Datasheet PDF - Samsung semiconductor

Part # TIP105
Download  TIP105 Click to download

File Size   262.0 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description PNP (HIGH DC CURRENT GAIN MIN

TIP105 Datasheet (HTML) - Samsung semiconductor


TIP105 Product details

HGIH DC CURRENT GAIN MIN hFE=1000 @ VCE=-4V, Ic=-3A
COLLECTOR-EMITTER SUSTAINING VOLTAGE  LOW COLLECTOR-EMITTER SATURATION VOLTAGE MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE

Complementary to TIP100/101/102




Similar Part No. - TIP105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP105 MOSPEC-TIP105 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP105 MOTOROLA-TIP105 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP105 ONSEMI-TIP105 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP105 POINN-TIP105 Datasheet
152Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP105 STMICROELECTRONICS-TIP105 Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
More results


Similar Description - TIP105

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
PNP (HIGH DC CURRENT GAIN)
logo
Inchange Semiconductor ...
2SB1531 ISC-2SB1531 Datasheet
101Kb / 2P
High DC Current Gain- : hFE= 5000(Min)@IC= -5A
2SB881 ISC-2SB881 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A
2SB882 ISC-2SB882 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -5A
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB897 ISC-2SB897 Datasheet
93Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -10A
2SB955 ISC-2SB955 Datasheet
101Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
2SC4005 ISC-2SC4005 Datasheet
198Kb / 2P
High DC current gain.
logo
Unisonic Technologies
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
high DC current gain
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
High DC current gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com