Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB881 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB881 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB881
Download  2SB881 Download
File Size   102.22 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A

2SB881 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB881 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB881
Download  2SB881 Click to download

File Size   102.22 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A

2SB881 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SB881

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB881 SANYO-2SB881 Datasheet
123Kb / 4P
Driver Applications???????
logo
New Jersey Semi-Conduct...
2SB881 NJSEMI-2SB881 Datasheet
75Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Similar Description - 2SB881

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TIP105 SAMSUNG-TIP105 Datasheet
262Kb / 6P
PNP (HIGH DC CURRENT GAIN MIN
logo
MAKO SEMICONDUCTOR CO.,...
2SC1623 MAKOSEMI-2SC1623 Datasheet
107Kb / 2P
High DC current gain hFE 200(Typ)VCE 6V, IC 1mA
logo
Inchange Semiconductor ...
2SB1531 ISC-2SB1531 Datasheet
101Kb / 2P
High DC Current Gain- : hFE= 5000(Min)@IC= -5A
2SB882 ISC-2SB882 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -5A
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB897 ISC-2SB897 Datasheet
93Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -10A
2SB955 ISC-2SB955 Datasheet
101Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
2N4908 ISC-2N4908 Datasheet
104Kb / 2P
DC Current Gain-: hFE= 20-80 @IC= -4A
2N4907 ISC-2N4907 Datasheet
104Kb / 2P
DC Current Gain-: hFE= 20-80 @IC= -4A
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
High current gain, Excellent hFE Linearity
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com