Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4908 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N4908 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N4908
Download  2N4908 Download
File Size   104.63 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description DC Current Gain-: hFE= 20-80 @IC= -4A

2N4908 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4908 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N4908
Download  2N4908 Click to download

File Size   104.63 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description DC Current Gain-: hFE= 20-80 @IC= -4A

2N4908 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2N4908

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4908 SEME-LAB-2N4908 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
List of Unclassifed Man...
2N4908 ETC-2N4908 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4908 SAVANTIC-2N4908 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
2N4908 SAVANTIC-2N4908 Datasheet
114Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N4908

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
2SC1623 MAKOSEMI-2SC1623 Datasheet
107Kb / 2P
High DC current gain hFE 200(Typ)VCE 6V, IC 1mA
logo
Inchange Semiconductor ...
2SB1531 ISC-2SB1531 Datasheet
101Kb / 2P
High DC Current Gain- : hFE= 5000(Min)@IC= -5A
2SB881 ISC-2SB881 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A
2SB882 ISC-2SB882 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -5A
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB897 ISC-2SB897 Datasheet
93Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -10A
2SB955 ISC-2SB955 Datasheet
101Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
2N4907 ISC-2N4907 Datasheet
104Kb / 2P
DC Current Gain-: hFE= 20-80 @IC= -4A
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
High current gain, Excellent hFE Linearity
M28S SKTECHNOLGY-M28S Datasheet
597Kb / 3P
Excellent HFE Linearity, High DV current gain
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com