Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4908 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N4908
Description  DC Current Gain-: hFE= 20-80 @IC= -4A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N4908 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N4908 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N4908 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon PNP Power Transistors
2N4908
DESCRIPTION
·
Low Collector Saturation Voltage-
: VCE(sat)= -0.75V(Max.)@ IC= -4A
·
DC Current Gain-
: hFE= 20-80 @IC= -4A
APPLICATIONS
·
Designed for general purpose use in power amplifier and
switching circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
IB
Base Current-Continuous
-4
A
PC
Collector Power Dissipation@TC=25℃
150
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N4908

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4908 SEME-LAB-2N4908 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
List of Unclassifed Man...
2N4908 ETC-2N4908 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4908 SAVANTIC-2N4908 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
2N4908 SAVANTIC-2N4908 Datasheet
114Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N4908

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
2SC1623 MAKOSEMI-2SC1623 Datasheet
107Kb / 2P
High DC current gain hFE 200(Typ)VCE 6V, IC 1mA
logo
Inchange Semiconductor ...
2SB1531 ISC-2SB1531 Datasheet
101Kb / 2P
High DC Current Gain- : hFE= 5000(Min)@IC= -5A
2SB881 ISC-2SB881 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A
2SB882 ISC-2SB882 Datasheet
102Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -5A
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB897 ISC-2SB897 Datasheet
93Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -10A
2SB955 ISC-2SB955 Datasheet
101Kb / 2P
High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
2N4907 ISC-2N4907 Datasheet
104Kb / 2P
DC Current Gain-: hFE= 20-80 @IC= -4A
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
High current gain, Excellent hFE Linearity
M28S SKTECHNOLGY-M28S Datasheet
597Kb / 3P
Excellent HFE Linearity, High DV current gain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com