Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB881 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB881
Description  High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB881 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB881 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB881 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc & iscsemi is registered trademark
isc Silicon PNP Darlington Power Transistor
2SB881
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -30mA, RBE= ∞
-60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -5mA, IE= 0
-70
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3.5A, IB= -7mA
-1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -3.5A, IB= -7mA
-2.0
V
ICBO
Collector Cutoff Current
VCB= -40V, IE= 0
-100
μ A
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-3
mA
hFE
DC Current Gain
IC= -3.5A; VCE= -2V
2000
fT
Current-Gain
—Bandwidth Product
IC= -3.5A; VCE= -5V
20
MHz
Switching times
ton
Turn-on Time
RL= 6.7Ω , VCC≈ -20V
IC= -3A; IB1= -IB2= -6mA
0.5
μ s
tstg
Storage Time
1.5
μ s
tf
Fall Time
1.4
μ s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com