Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3052V Datasheet (PDF) - Sanken electric

3052V Datasheet PDF - Sanken electric
Part # 3052V
Download  3052V Download
File Size   41.72 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 3-Terminal, Low Dropout Voltage Dropper Type

3052V Datasheet (PDF)

Go To PDF Page Download Datasheet
3052V Datasheet PDF - Sanken electric

Part # 3052V
Download  3052V Click to download

File Size   41.72 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 3-Terminal, Low Dropout Voltage Dropper Type

3052V Datasheet (HTML) - Sanken electric


3052V Product details

■ Features
• TO-3P package 3-terminal regulator
• Output current: 2.0A
• Low dropout voltage: VDIF≤1V (at IO=2.0A)
• Built-in foldback overcurrent protection circuit

■ Applications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment




Similar Part No. - 3052V

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3052 KR-3052 Datasheet
34Kb / 2P
Notch filter 198 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3052 ETC2-3052 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Extreme Networks.
30520 EXTREMENETWORKS-30520 Datasheet
319Kb / 10P
Wi-Fi 6 (802.11ax) Outdoor Access Point With Integrated Or External Antenna Options
3jan24
30520 EXTREMENETWORKS-30520 Datasheet
346Kb / 10P
Wi-Fi 6 (802.11ax) Tri-Radio Outdoor Access Point with integrated or external antenna options
1sep23
30520 EXTREMENETWORKS-30520 Datasheet
419Kb / 14P
Stadium Optimized Wi-Fi 6 Access Points for Very Highly Dense Outdoor Venues
31aug23
More results


Similar Description - 3052V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
3-Terminal, Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
3-terminal Dropper Type Regulator
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
5-Terminal, Low Dropout Voltage Dropper Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com