Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM861M-L Datasheet (PDF) - Sanken electric

TM861M-L Datasheet PDF - Sanken electric
Part # TM861M-L
Download  TM861M-L Download
File Size   58.07 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220 8A Triac

TM861M-L Datasheet (PDF)

Go To PDF Page Download Datasheet
TM861M-L Datasheet PDF - Sanken electric

Part # TM861M-L
Download  TM861M-L Click to download

File Size   58.07 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220 8A Triac

TM861M-L Datasheet (HTML) - Sanken electric




Similar Part No. - TM861M-L

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TM861M-L APOLLOELECTRON-TM861M-L Datasheet
3Mb / 6P
Standard Triac
More results


Similar Description - TM861M-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
TO-220 8A Thyristor
TM341M-L SANKEN-TM341M-L Datasheet
64Kb / 2P
TO-220 3A Triac
TM541M-L SANKEN-TM541M-L Datasheet
65Kb / 2P
TO-220 5A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
TRIAC 600V,8A
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
600V - 8A - Triac
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
600V 8A TRIAC
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
8A TRIAC
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
700V - 8A - Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com