Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2909 Datasheet (PDF) - Sanyo Semicon Device

2SC2909 Datasheet PDF - Sanyo Semicon Device
Part # 2SC2909
Download  2SC2909 Download
File Size   108.04 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Switching, AF 60W Predriver Applications

2SC2909 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2909 Datasheet PDF - Sanyo Semicon Device

Part # 2SC2909
Download  2SC2909 Click to download

File Size   108.04 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Switching, AF 60W Predriver Applications

2SC2909 Datasheet (HTML) - Sanyo Semicon Device


2SC2909 Product details

High-Voltage Switching AF 60W Predriver Applications

Features
• Adoption of FBET process.
• High breakdown voltage.
• Excellent linearity of hFE and small Cob.
• Fast switching speed.




Similar Part No. - 2SC2909

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2901 NEC-2SC2901 Datasheet
159Kb / 3P
NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SC2902 ISC-2SC2902 Datasheet
127Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2902 SAVANTIC-2SC2902 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2902 SAVANTIC-2SC2902 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
logo
Mitsubishi Electric Sem...
2SC2904 MITSUBISHI-2SC2904 Datasheet
132Kb / 3P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
More results


Similar Description - 2SC2909

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
160V/140mA High-Voltage Switching and AF 100W Predriver Applications
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com