Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3781 Datasheet (PDF) - Sanyo Semicon Device

2SC3781 Datasheet PDF - Sanyo Semicon Device
Part # 2SC3781
Download  2SC3781 Download
File Size   115.76 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Very High-Definition CRT Display, Video Output Applications???

2SC3781 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3781 Datasheet PDF - Sanyo Semicon Device

Part # 2SC3781
Download  2SC3781 Click to download

File Size   115.76 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Very High-Definition CRT Display, Video Output Applications???

2SC3781 Datasheet (HTML) - Sanyo Semicon Device


2SC3781 Product details

Ultrahigh-Definition CRT Display Video Output Applications

Features
• High fT (fT typ=500MHz).
• High breakdown voltage (VCEO≥120V).
• Small reverse transfer capacitance and excellent HF response : Cre=2.6pF (NPN), 3.9pF (PNP).
• Complementary PNP and NPN types.
• Adoption of FBET process.

Applications
• Video output.
• Color TV chroma output.
• Wide-band amp.




Similar Part No. - 2SC3781

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3780 SANYO-2SC3780 Datasheet
113Kb / 4P
Very High-Definition CRT Display, Video Output Applications?
2SC3782 SANYO-2SC3782 Datasheet
102Kb / 3P
Very High-Definition CRT Display, Video Output Applications???
logo
Toshiba Semiconductor
2SC3783 TOSHIBA-2SC3783 Datasheet
170Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC3783 ISC-2SC3783 Datasheet
247Kb / 2P
isc Silicon NPN Power Transistor
logo
Sanyo Semicon Device
2SC3784 SANYO-2SC3784 Datasheet
81Kb / 3P
Driver Applications
More results


Similar Description - 2SC3781

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1474 SANYO-2SA1474 Datasheet
113Kb / 4P
Very High-Definition CRT Display, Video Output Applications?
2SA1476 SANYO-2SA1476 Datasheet
102Kb / 3P
Very High-Definition CRT Display, Video Output Applications???
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1777 SANYO-2SA1777 Datasheet
119Kb / 4P
Very High-Definition CRT Display, Video Output Applications????
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
2SC4411 SANYO-2SC4411 Datasheet
84Kb / 3P
Very High-Definition CRT Display Video Output Applications???
2SC4563 SANYO-2SC4563 Datasheet
82Kb / 3P
Very High-Definition CRT Display Video Output Applications??????
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com