Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3787 Datasheet (PDF) - Sanyo Semicon Device

2SC3787 Datasheet PDF - Sanyo Semicon Device
Part # 2SC3787
Download  2SC3787 Download
File Size   119.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 160V/140mA Switching Applications

2SC3787 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3787 Datasheet PDF - Sanyo Semicon Device

Part # 2SC3787
Download  2SC3787 Click to download

File Size   119.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 160V/140mA Switching Applications

2SC3787 Datasheet (HTML) - Sanyo Semicon Device


2SC3787 Product details

160V/140mA Switching Applications

Features
• Adoption of FBET process.
• Excellent linearity of hFE.
• Small Cob.
• Plastic-convered heat sink facilitating high-density mounting (TO-126ML package).

Applications
• Predrivers for 100W power amplifiers.




Similar Part No. - 2SC3787

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3780 SANYO-2SC3780 Datasheet
113Kb / 4P
Very High-Definition CRT Display, Video Output Applications?
2SC3781 SANYO-2SC3781 Datasheet
115Kb / 4P
Very High-Definition CRT Display, Video Output Applications???
2SC3782 SANYO-2SC3782 Datasheet
102Kb / 3P
Very High-Definition CRT Display, Video Output Applications???
logo
Toshiba Semiconductor
2SC3783 TOSHIBA-2SC3783 Datasheet
170Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC3783 ISC-2SC3783 Datasheet
247Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC3787

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1248 SANYO-2SA1248 Datasheet
103Kb / 3P
160V/700mA Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
160V/1.5A Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
2SA1769 SANYO-2SA1769 Datasheet
131Kb / 4P
160V/700mA Switching Applications
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
160V/140mA High-Voltage Switching and AF 100W Predriver Applications
logo
Texas Instruments
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
logo
Maxwell Technologies
BMOD0006_1312 MAXWELL-BMOD0006_1312 Datasheet
1Mb / 4P
160V MODULE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com