Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1969 Datasheet (PDF) - Sanyo Semicon Device

2SA1969 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1969
Download  2SA1969 Download
File Size   111.99 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications

2SA1969 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1969 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1969
Download  2SA1969 Click to download

File Size   111.99 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications

2SA1969 Datasheet (HTML) - Sanyo Semicon Device


2SA1969 Product details

Features
• High fT (fT=1.7GHz typ).
• Large current capacity (IC=–400mA).




Similar Part No. - 2SA1969

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1960 HITACHI-2SA1960 Datasheet
29Kb / 7P
Silicon NPN Epitaxial
logo
Panasonic Semiconductor
2SA1961 PANASONIC-2SA1961 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
logo
Toshiba Semiconductor
2SA1962 TOSHIBA-2SA1962 Datasheet
150Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SA1962 TOSHIBA-2SA1962 Datasheet
129Kb / 4P
Power Amplifier Applications
logo
Fairchild Semiconductor
2SA1962 FAIRCHILD-2SA1962 Datasheet
206Kb / 6P
PNP Epitaxial Silicon Transistor
More results


Similar Description - 2SA1969

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5551 SANYO-2SC5551 Datasheet
43Kb / 5P
High-Frequency Medium-Output Amplifier Applications
logo
Fairchild Semiconductor
KSC1008 FAIRCHILD-KSC1008 Datasheet
39Kb / 4P
Low Frequency Amplifier Medium Speed Switching
logo
List of Unclassifed Man...
2SA708 ETC-2SA708 Datasheet
86Kb / 2P
LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Hitachi Semiconductor
2SC1707 HITACHI-2SC1707 Datasheet
61Kb / 1P
LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
2SC1781H HITACHI-2SC1781H Datasheet
43Kb / 1P
HIGH FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
NEC
2SC2721 NEC-2SC2721 Datasheet
213Kb / 4P
High Frequency Amplifier, Medium Speed Switching
logo
Sanyo Semicon Device
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A_12 Datasheet
403Kb / 6P
High-Frequency Medium-Output Amplifier Applications
2SC5551AF-TD-E SANYO-2SC5551AF-TD-E Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
logo
Toshiba Semiconductor
2SB678 TOSHIBA-2SB678 Datasheet
90Kb / 1P
LOW FREQUENCY MEDIUM PWOER AMPLIFIER AND MEDIUM SPEED SWITCHING APPLICATIONS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com