Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB825 Datasheet (PDF) - Sanyo Semicon Device

2SB825 Datasheet PDF - Sanyo Semicon Device
Part # 2SB825
Download  2SB825 Download
File Size   94.37 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/7A Switching Applications

2SB825 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB825 Datasheet PDF - Sanyo Semicon Device

Part # 2SB825
Download  2SB825 Click to download

File Size   94.37 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/7A Switching Applications

2SB825 Datasheet (HTML) - Sanyo Semicon Device


2SB825 Product details

50V/7A Switching Applications

Features
• Low saturation voltage : VCE(sat)=(–)0.4V max.
• Wide ASO

Applications
• Universal high current switching as solenoid driving, high speed inverter and converter.




Similar Part No. - 2SB825

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SB825 WINGS-2SB825 Datasheet
65Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Savantic, Inc.
2SB825 SAVANTIC-2SB825 Datasheet
147Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB825 JMNIC-2SB825 Datasheet
210Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB825 ISC-2SB825 Datasheet
178Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB825 SAVANTIC-2SB825 Datasheet
149Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB825

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1290 SANYO-2SA1290 Datasheet
100Kb / 3P
60V/7A High-Speed Switching Applications
2SA1470 SANYO-2SA1470 Datasheet
101Kb / 4P
60V/7A High-Speed Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1450 SANYO-2SB1450 Datasheet
100Kb / 3P
50V/7A Switching Applications
2SB1452 SANYO-2SB1452 Datasheet
132Kb / 4P
80V/7A Switching Applications
2SB827 SANYO-2SB827 Datasheet
93Kb / 3P
50V/7A Switching Applications
2SB921L SANYO-2SB921L Datasheet
120Kb / 4P
80V/7A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
50V / 12A Switching Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
50V/4A Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com