Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3773 Datasheet (PDF) - Sanyo Semicon Device

2SC3773 Datasheet PDF - Sanyo Semicon Device
Part # 2SC3773
Download  2SC3773 Download
File Size   100.0 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications???

2SC3773 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3773 Datasheet PDF - Sanyo Semicon Device

Part # 2SC3773
Download  2SC3773 Click to download

File Size   100.0 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications???

2SC3773 Datasheet (HTML) - Sanyo Semicon Device


2SC3773 Product details

UHF Oscillator, Mixer, Low-Noise Amplifier, Wide-Band Amplifier Applications

Features
• Small noise figure : NF=3.0dB typ (f=0.9GHz).
• High power gain : MAG=12dB typ (f=0.9GHz).
• High cutoff frequency : fT=3.5GHz typ.

Applications
• UHF frequency converters, local oscillators, lownoise amplifiers, wide-band amplifiers.




Similar Part No. - 2SC3773

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3770 SANYO-2SC3770 Datasheet
67Kb / 3P
UHF,VHF Oscillator, Mixer, HF Amp Applications
2SC3771 SANYO-2SC3771 Datasheet
103Kb / 4P
UHF,VHF Oscillator, Mixer, HF Amp Applications?
2SC3772 SANYO-2SC3772 Datasheet
99Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications?
2SC3774 SANYO-2SC3774 Datasheet
98Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications???
2SC3775 SANYO-2SC3775 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications????
More results


Similar Description - 2SC3773

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3772 SANYO-2SC3772 Datasheet
99Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications?
2SC3774 SANYO-2SC3774 Datasheet
98Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications???
2SC3775 SANYO-2SC3775 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications????
2SC3776 SANYO-2SC3776 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications????
2SC3777 SANYO-2SC3777 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications????
2SC3778 SANYO-2SC3778 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications??????
2SC3779 SANYO-2SC3779 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications??????
2SC4673 SANYO-2SC4673 Datasheet
165Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com