Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4673 Datasheet (PDF) - Sanyo Semicon Device

2SC4673 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4673
Download  2SC4673 Download
File Size   165.13 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Low-Noise Amp, Wide-Band Amp Applications

2SC4673 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4673 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4673
Download  2SC4673 Click to download

File Size   165.13 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Low-Noise Amp, Wide-Band Amp Applications

2SC4673 Datasheet (HTML) - Sanyo Semicon Device


2SC4673 Product details

UHF Low-Noise Amplifier, Wide-Band Amplifier Applications

Features
• Low noise figure : NF=1.5dB typ (f=0.9GHz).
• High power gain : |S21e|2=8.0dB typ (f=0.9GHz).
• High cutoff frequency : fT=4.5GHz typ.




Similar Part No. - 2SC4673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
Various Drivers Applications
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
More results


Similar Description - 2SC4673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3772 SANYO-2SC3772 Datasheet
99Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications?
2SC3773 SANYO-2SC3773 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications???
2SC3774 SANYO-2SC3774 Datasheet
98Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications???
2SC3775 SANYO-2SC3775 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications????
2SC3776 SANYO-2SC3776 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications????
2SC3777 SANYO-2SC3777 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications????
2SC3778 SANYO-2SC3778 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications??????
2SC3779 SANYO-2SC3779 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications??????
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com