Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4269 Datasheet (PDF) - Sanyo Semicon Device

2SC4269 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4269
Download  2SC4269 Download
File Size   105.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF Converter, Local Oscillator Applications

2SC4269 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4269 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4269
Download  2SC4269 Click to download

File Size   105.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF Converter, Local Oscillator Applications

2SC4269 Datasheet (HTML) - Sanyo Semicon Device


2SC4269 Product details

VHF Converter, Local Oscillator Applications

Features
• High power gain : PG=15dB typ (f=0.4GHz)
• High cutoff frequency : fT=1.2GHz typ




Similar Part No. - 2SC4269

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4260 HITACHI-2SC4260 Datasheet
24Kb / 5P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC4260 RENESAS-2SC4260 Datasheet
61Kb / 5P
Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4260TI-TL-E RENESAS-2SC4260TI-TL-E Datasheet
61Kb / 5P
Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SC4261 HITACHI-2SC4261 Datasheet
24Kb / 5P
Silicon NPN Epitaxial
More results


Similar Description - 2SC4269

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1778 SANYO-2SA1778 Datasheet
113Kb / 5P
VHF Converter, Local Oscillator Applications
2SC4270 SANYO-2SC4270 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications?
2SC4401 SANYO-2SC4401 Datasheet
103Kb / 4P
VHF/UHF Mixer, Local Oscillator, Low-Voltage Amp Applications
2SC4402 SANYO-2SC4402 Datasheet
103Kb / 4P
VHF/UHF Mixer, Local Oscillator, Low-Voltage Amp Applications?
2SC4403 SANYO-2SC4403 Datasheet
100Kb / 4P
VHF/UHF Local Oscillator Applications?
2SC4406 SANYO-2SC4406 Datasheet
95Kb / 4P
VHF Frequency Mixer, Local Oscillator Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
VHF/UHF Mixer, Local Oscillator Applications???
2SC4860 SANYO-2SC4860 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications
2SC4861 SANYO-2SC4861 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications?
logo
Fairchild Semiconductor
SS9018 FAIRCHILD-SS9018 Datasheet
40Kb / 4P
AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com