Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4270 Datasheet (PDF) - Sanyo Semicon Device

2SC4270 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4270
Download  2SC4270 Download
File Size   106.59 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Converter, Local Oscillator Applications?

2SC4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4270 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4270
Download  2SC4270 Click to download

File Size   106.59 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Converter, Local Oscillator Applications?

2SC4270 Datasheet (HTML) - Sanyo Semicon Device


2SC4270 Product details

UHF Converter, Local Oscillator Applications

Features
• Small noise figure : NF=3.0dB typ (f=0.9GHz)
• High power gain : PG=12dB typ (f=0.9GHz)
• High cutoff frequency : fT=3.0GHz typ




Similar Part No. - 2SC4270

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4271 SANYO-2SC4271 Datasheet
76Kb / 3P
High-Definition CRT Display Video Output Driver Applications???
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
logo
Guangdong Kexin Industr...
2SC4272 KEXIN-2SC4272 Datasheet
62Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
MAKO SEMICONDUCTOR CO.,...
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
Small size making it easy to provide high-density,small-sized
logo
GUANGDONG HOTTECH INDUS...
2SC4272 HOTTECH-2SC4272 Datasheet
184Kb / 2P
Plastic-Encapsulate Transistors
More results


Similar Description - 2SC4270

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1778 SANYO-2SA1778 Datasheet
113Kb / 5P
VHF Converter, Local Oscillator Applications
2SC4269 SANYO-2SC4269 Datasheet
105Kb / 4P
VHF Converter, Local Oscillator Applications
2SC4401 SANYO-2SC4401 Datasheet
103Kb / 4P
VHF/UHF Mixer, Local Oscillator, Low-Voltage Amp Applications
2SC4402 SANYO-2SC4402 Datasheet
103Kb / 4P
VHF/UHF Mixer, Local Oscillator, Low-Voltage Amp Applications?
2SC4403 SANYO-2SC4403 Datasheet
100Kb / 4P
VHF/UHF Local Oscillator Applications?
2SC4404 SANYO-2SC4404 Datasheet
101Kb / 4P
UHF Local Oscillator, Wide-Band Amplifier Applications???????
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
VHF/UHF Mixer, Local Oscillator Applications???
2SC4860 SANYO-2SC4860 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications
2SC4861 SANYO-2SC4861 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications?
logo
Hitachi Semiconductor
2SC2731 HITACHI-2SC2731 Datasheet
36Kb / 1P
UHF TV TUNER FREQUENCY CONVERTER, LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com