Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4423 Datasheet (PDF) - Sanyo Semicon Device

C4423 Datasheet PDF - Sanyo Semicon Device
Part # C4423
Download  C4423 Download
File Size   96.94 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 400V/12A Switching Regulator Applications

C4423 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4423 Datasheet PDF - Sanyo Semicon Device

Part # C4423
Download  C4423 Click to download

File Size   96.94 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 400V/12A Switching Regulator Applications

C4423 Datasheet (HTML) - Sanyo Semicon Device


C4423 Product details

400V/12A Switching Regulator Applications

Features
• High breakdown voltage, high reliability.
• Fast switching speed (tf : 0.1µs typ).
• Wide ASO.
• Adoption of MBIT process.
• Micaless package facilitating easy mounting.




Similar Part No. - C4423

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C442 COILCRAFT-C442 Datasheet
100Kb / 1P
Designer’s Kits
logo
Panasonic Semiconductor
C4420 PANASONIC-C4420 Datasheet
82Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
logo
Sanyo Semicon Device
C4424 SANYO-C4424 Datasheet
99Kb / 3P
Switching Regulator Applications
C4425 SANYO-C4425 Datasheet
98Kb / 3P
Switching Regulator Applications
C4428 SANYO-C4428 Datasheet
98Kb / 3P
Switching Regulator Applications
More results


Similar Description - C4423

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1136 SANYO-2SB1136 Datasheet
102Kb / 3P
50V/12A Switching Applications
2SB826 SANYO-2SB826 Datasheet
98Kb / 3P
50V/12A Switching Applications
2SB828 SANYO-2SB828 Datasheet
98Kb / 3P
50V/12A Switching Applications
2SB903 SANYO-2SB903 Datasheet
105Kb / 3P
30V/12A High-Speed Switching Applications
2SB922L SANYO-2SB922L Datasheet
94Kb / 3P
80V/12A Switching Applications
logo
Toshiba Semiconductor
TK09H90A TOSHIBA-TK09H90A Datasheet
239Kb / 6P
Switching Regulator Applications
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0860P KODENSHI-SMK0860P Datasheet
426Kb / 8P
SWITCHING REGULATOR APPLICATIONS
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
50V / 12A Switching Applications
Jan-2011, Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com