Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4736 Datasheet (PDF) - Sanyo Semicon Device

2SC4736 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4736
Download  2SC4736 Download
File Size   90.72 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-hFE, Low-Frequency General-Purpose Amp Applications??????????

2SC4736 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4736 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4736
Download  2SC4736 Click to download

File Size   90.72 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-hFE, Low-Frequency General-Purpose Amp Applications??????????

2SC4736 Datasheet (HTML) - Sanyo Semicon Device


2SC4736 Product details

High hFE, Low-Frequency General-Purpose Amplifier Applications

Features
• Large current (IC=2A).
• Adoption of MBIT process.
• High DC current gain (hFE=800 to 3200).
• Low collector-to-emitter saturation voltage (VCE(sat)≤0.5V).
• High emitter-to-base voltage (VEBO≥15V).
• Large power type such as PC=1.5W when used without heatsink.
• It is possible to make appliances more compact because its height on board is 9.5mm.
• Effective in automatic inserting and counting stocked amount because of being provided for radial taping.




Similar Part No. - 2SC4736

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4730 SANYO-2SC4730 Datasheet
129Kb / 4P
100V/3A Switching Applications
2SC4731 SANYO-2SC4731 Datasheet
130Kb / 4P
100V/4A Switching Applications
2SC4732 SANYO-2SC4732 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
2SC4733 SANYO-2SC4733 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
2SC4734 SANYO-2SC4734 Datasheet
127Kb / 4P
High Voltage Driver Applications?????????????
More results


Similar Description - 2SC4736

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1434 SANYO-2SA1434 Datasheet
81Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications?
2SC3070 SANYO-2SC3070 Datasheet
80Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications????
2SC3071 SANYO-2SC3071 Datasheet
83Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications????
2SC3495 SANYO-2SC3495 Datasheet
76Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications??????
2SC3576 SANYO-2SC3576 Datasheet
84Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
2SC3650 SANYO-2SC3650 Datasheet
91Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
2SC3651 SANYO-2SC3651 Datasheet
83Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
2SC3661 SANYO-2SC3661 Datasheet
76Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
2SC3807 SANYO-2SC3807 Datasheet
84Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications?????????
2SC3808 SANYO-2SC3808 Datasheet
84Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications?????????
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com