Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5275 Datasheet (PDF) - Sanyo Semicon Device

2SC5275 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5275
Download  2SC5275 Download
File Size   143.88 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to S Band Low-Noise Amp, OSC Applications??????

2SC5275 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5275 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5275
Download  2SC5275 Click to download

File Size   143.88 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF to S Band Low-Noise Amp, OSC Applications??????

2SC5275 Datasheet (HTML) - Sanyo Semicon Device


2SC5275 Product details

UHF to S Band Low-Noise Amplifier, OSC Applications

Features
• Low noise : NF=0.9dB typ (f=1GHz). : NF=1.4dB typ (f=1.5GHz).
• High gain : S21e2=10dB typ (f=1.5GHz).
• High cutoff frequency : fT=11GHz typ.
• Low-voltage, low-current operation (VCE=1V, IC=1mA) : fT=7GHz type. : |S21e|2=5.5dB typ (f=1.5GHz).




Similar Part No. - 2SC5275

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5270 PANASONIC-2SC5270 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
2SC5270A PANASONIC-2SC5270A Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Sanken electric
2SC5271 SANKEN-2SC5271 Datasheet
15Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Resonant Switching Regulator and General Purpose)
logo
Savantic, Inc.
2SC5271 SAVANTIC-2SC5271 Datasheet
212Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5271 JMNIC-2SC5271 Datasheet
175Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC5275

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4871 SANYO-2SC4871 Datasheet
110Kb / 4P
UHF to S Band Low-Noise Amp, OSC Applications?
2SC5245 SANYO-2SC5245 Datasheet
144Kb / 5P
UHF to S-Band Low-Noise Amp, OSC Applications????
2SC5276 SANYO-2SC5276 Datasheet
144Kb / 5P
UHF to S Band Low-Noise Amp, OSC Applications??????
2SC5277 SANYO-2SC5277 Datasheet
145Kb / 5P
UHF to S Band Low-Noise Amp, OSC Applications??????
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com