Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212EVB Datasheet (PDF) - Semtech Corporation

SC4212EVB Datasheet PDF - Semtech Corporation
Part # SC4212EVB
Download  SC4212EVB Download
File Size   636.22 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Input /Very Low Dropout 1Amp Regulator With Enable

SC4212EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4212EVB Datasheet PDF - Semtech Corporation

Part # SC4212EVB
Download  SC4212EVB Click to download

File Size   636.22 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Very Low Input /Very Low Dropout 1Amp Regulator With Enable

SC4212EVB Datasheet (HTML) - Semtech Corporation


SC4212EVB Product details

Description

The SC4212 is a high performance positive voltage regulator designed for applications requiring very low input voltage and very low dropout voltage at up to 1 Ampere. It operates with a VIN as low as 1.5V, with output voltage programmable as low as 0.5V. The SC4212 features ultra low dropout, ideal for applications where VOUT is very close to VIN. Additionally, the SC4212 has an enable pin to further reduce power dissipation while shutdown. The SC4212 provides excellent regulation over variations in line, load and temperature.



Features

„ Input voltage as low as 1.5V

„ 400mV dropout @ 1A

„ Adjustable output from 0.5V

„ Over current and over temperature protection

„ Enable pin

„ 10μA quiescent current in shutdown

„ Low reverse leakage (output to input)

„ Full industrial temperature range

„ Pb Free, Halogen Free and WeEE/RoHS Compliant



Applications

„ Telecom/Networking cards

„ Motherboards/Peripheral cards

„ Industrial Applications

„ Wireless infrastructure

„ Set top boxes

„ Medical equipment

„ Notebook computers

„ Battery powered systems




Similar Part No. - SC4212EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4212EVB SEMTECH-SC4212EVB_11 Datasheet
248Kb / 9P
Very Low Input /Very Low Dropout 1Amp Regulator With Enable
More results


Similar Description - SC4212EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4212 SEMTECH-SC4212_11 Datasheet
248Kb / 9P
Very Low Input /Very Low Dropout 1Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com