Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5757x Datasheet (PDF) - Analog Devices

AD5757x Datasheet PDF - Analog Devices
Part # AD5757x
Download  AD5757x Download
File Size   909.27 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity

AD5757x Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5757x Datasheet PDF - Analog Devices

Part # AD5757x
Download  AD5757x Click to download

File Size   909.27 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity

AD5757x Datasheet (HTML) - Analog Devices


AD5757x Product details

GENERAL DESCRIPTION
The AD5757/AD5737 is a quad, current output DAC, which operates with a power supply of up to +33v. On chip dynamic power control minimizes package power dissipation in current mode. This is achieved by regulating the voltage on the output driver from between 7V-30V.

FEATURES
    16/12-Bit Resolution and Monotonicity
    Dynamic Power Control for Thermal Management
    IOUT Range: 0mA-20mA, 4mA–20mA or 0mA–24mA ±0.05% Total Unadjusted Error (TUE) Max
    User programmable Offset and Gain
    On Chip Diagnostics
    On-Chip Reference (±5 ppm/°C Max)
    −40°C to +105°C Temperature Range

APPLICATIONS
    Process Control
    Actuator Control
    PLC’s
    HART Network Connectivity




Similar Part No. - AD5757x

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757 AD-AD5757 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5757ACPZ AD-AD5757ACPZ Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757ACPZ-REEL7 AD-AD5757ACPZ-REEL7 Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
More results


Similar Description - AD5757x

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5421 AD-AD5421 Datasheet
2Mb / 22P
16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5755 AD-AD5755 Datasheet
1Mb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com