Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5413 Datasheet (PDF) - Analog Devices

ADG5413 Datasheet PDF - Analog Devices
Part # ADG5413
Download  ADG5413 Download
File Size   314.66 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, Quad SPST Switches

ADG5413 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG5413 Datasheet PDF - Analog Devices

Part # ADG5413
Download  ADG5413 Click to download

File Size   314.66 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Latch-Up Proof, Quad SPST Switches

ADG5413 Datasheet (HTML) - Analog Devices


ADG5413 Product details

GENERAL DESCRIPTION
The ADG5412/ADG5413 contain four independent single-pole/single-throw (SPST) switches. The ADG5412 switches turn on with Logic 1. The ADG5413 has two switches with digital control logic similar to that of the ADG5412; however, the logic is inverted on the other two switches. Each switch conducts equally well in both directions when on, and each switch has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked.

FEATURES
   Latch-up proof
   8 kV human body model (HBM) ESD rating
   Low on resistance (<10 Ω)
   ±9 V to ±22 V dual-supply operation
   9 V to 40 V single-supply operation
   48 V supply maximum ratings
   Fully specified at ±15 V, ±20 V, +12 V, and +36 V
   VSS to VDD analog signal range

APPLICATIONS
   Relay replacement
   Automatic test equipment
   Data acquisition
   Instrumentation
   Avionics
   Audio and video switching
   Communication systems




Similar Part No. - ADG5413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5413 AD-ADG5413 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5413BCPZ-REEL7 AD-ADG5413BCPZ-REEL7 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5413BF AD-ADG5413BF Datasheet
583Kb / 28P
Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
ADG5413BF AD-ADG5413BF Datasheet
587Kb / 31P
짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
10/2020-Revision 0
ADG5413BFBCPZ-RL7 AD-ADG5413BFBCPZ-RL7 Datasheet
583Kb / 28P
Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
More results


Similar Description - ADG5413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
High Voltage Latch-Up Proof, Single SPST Switch
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com