Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5413 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG5413
Description  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413 Datasheet(HTML) 3 Page - Analog Devices

  ADG5413 Datasheet HTML 1Page - Analog Devices ADG5413 Datasheet HTML 2Page - Analog Devices ADG5413 Datasheet HTML 3Page - Analog Devices ADG5413 Datasheet HTML 4Page - Analog Devices ADG5413 Datasheet HTML 5Page - Analog Devices ADG5413 Datasheet HTML 6Page - Analog Devices ADG5413 Datasheet HTML 7Page - Analog Devices ADG5413 Datasheet HTML 8Page - Analog Devices ADG5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG5412/ADG5413
Rev. 0 | Page 3 of 20
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
9.8
Ω typ
VS = ±10 V, IS = −10 mA;
see Figure 24
11
14
16
Ω max
VDD = +13.5 V, VSS = −13.5 V
On-Resistance Match Between Channels,
∆RON
0.35
Ω typ
VS = ±10 V, IS = −10 mA
0.7
0.9
1.1
Ω max
On-Resistance Flatness, RFLAT (ON)
1.2
Ω typ
VS = ±10 V, IS = −10 mA
1.6
2
2.2
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off )
±0.05
nA typ
VS = ±10 V, VD =
10 V;
see
m
Figure 27
±0.25
±0.75
±3.5
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = ±10 V, VD =
10 V;
see
m
Figure 27
±0.25
±0.75
±3.5
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = ±10 V; see Figure 23
±0.4
±2
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
170
ns typ
RL = 300 Ω, CL = 35 pF
202
236
262
ns max
VS = 10 V; see Figure 31
tOFF
120
ns typ
RL = 300 Ω, CL = 35 pF
145
170
182
ns max
VS = 10 V; see Figure 31
Break-Before-Make Time Delay, tD
(ADG5413 Only)
15
ns typ
RL = 300 Ω, CL = 35 pF
6
ns min
VS1 = VS2 = 10 V; see Figure 30
Charge Injection, QINJ
240
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 32
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 26
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 25
Total Harmonic Distortion + Noise
0.009
% typ
RL = 1 kΩ, 15 V p-p, f = 20 Hz
to 20 kHz; see Figure 28
−3 dB Bandwidth
167
MHz typ
RL = 50 Ω, CL = 5 pF; see
Figure 29
Insertion Loss
−0.7
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
CS (Off )
18
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
18
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
60
pF typ
VS = 0 V, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com