Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28E10 Datasheet (PDF) - Maxim Integrated Products

DS28E10 Datasheet PDF - Maxim Integrated Products
Part # DS28E10
Download  DS28E10 Download
File Size   1000.67 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire SHA-1 Authenticator

DS28E10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E10 Datasheet PDF - Maxim Integrated Products

Part # DS28E10
Download  DS28E10 Click to download

File Size   1000.67 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire SHA-1 Authenticator

DS28E10 Datasheet (HTML) - Maxim Integrated Products


DS28E10 Product details

General Description

The DS28E10 combines secure challenge-and-response authentication  functionality  based  on  the  FIPS  180-3 specified Secure Hash Algorithm (SHA-1) with 224 bits of  one-time  programmable  user  EPROM  in  a  single chip.  Once  written,  the  memory  is  automatically  write protected.  Additionally, each device has its own guaran teed unique 64-bit ROM identification number (ROM ID)

that is factory programmed into the chip. Memory writes



Features

Dedicated Hardware-Accelerated SHA-1 Engine for Generating SHA-1 MACs

One Page of 28 Bytes User OTP EPROM

Irreversible Write Protection

Unique, Factory-Programmed 64-Bit Identification Number

1-Wire Interface for Standard and Overdrive Speed

Communicates with Host at Up to 15.4kbps at Standard Speed or Up to 125kbps in Overdrive Mode

Operating Range from 2.8V to 3.6V, -40NC to +85NC

3-Lead SOT23, 6-Lead TSOC Package

±6kV Human Body Model (HBM) ESD Protection (typ) on 1-Wire and VCCPin




Similar Part No. - DS28E10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10 MAXIM-DS28E10 Datasheet
1,015Kb / 17P
1-Wire SHA-1 Authenticator Irreversible Write Protection
Rev 2; 4/11
DS28E10P+ MAXIM-DS28E10P+ Datasheet
1,015Kb / 17P
1-Wire SHA-1 Authenticator Irreversible Write Protection
Rev 2; 4/11
DS28E10P+T MAXIM-DS28E10P+T Datasheet
1,015Kb / 17P
1-Wire SHA-1 Authenticator Irreversible Write Protection
Rev 2; 4/11
DS28E10R+T MAXIM-DS28E10R+T Datasheet
1,015Kb / 17P
1-Wire SHA-1 Authenticator Irreversible Write Protection
Rev 2; 4/11
DS28E10 MAXIM-DS28E10_11 Datasheet
1,015Kb / 17P
1-Wire SHA-1 Authenticator Irreversible Write Protection
Rev 2; 4/11
More results


Similar Description - DS28E10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10 MAXIM-DS28E10_11 Datasheet
1,015Kb / 17P
1-Wire SHA-1 Authenticator Irreversible Write Protection
Rev 2; 4/11
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com